PART |
Description |
Maker |
6000-560K-RC 6000-391K-RC 6000-392K-RC 6000-390K-R |
Unshielded Surface Mount Inductors 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Lead RF Chokes RF Choke; Series:6000; Inductance:68uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:4.9MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.36A; DC Resistance Max:0.21ohm RF Choke; Series:6000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:20; Self Resonant Frequency:29MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.1A; DC Resistance Max:0.035ohm RF Choke; Series:6000; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:6.5MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.77A; DC Resistance Max:0.16ohm
|
NorComp Bourns Electronic Solutions BOURNS INC
|
3970 3970-TYPE |
1550 nm transmitter. Connector options: FC/APC bulkhead, tight key;SC/APC bulkhead; E-2000/APC bulkhead. 3970-Type 1550 nm Transmitter 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit DIODE SWITCHING DUAL COMMON-CATHODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL 3970550纳米变送器
|
AGERE[Agere Systems] 3M Company
|
PB-CDQ0303-QS-00B0 PB-CDQ0303-QS-00A0 |
500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier 500-6000 MHz双,超低噪声,高IP3放大
|
Mimix Broadband, Inc.
|
FL-5300-XX FL-5305-XX FL-5305-XXS FL-5310-XFS FL-5 |
CPU Supervisor with 64 k EEPROM 1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL 1550 nm激光二极管模块致冷量子阱,计划生育与辫子劳工处
|
Optoway Technology Inc. Optoway Technology, Inc.
|
SKY-60MH |
Level 13 (LO Power 13dBm) 2500 to 6000 MHz 2500 MHz - 6000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX
|
Mini-Circuits
|
IRF0306HI2Q IRF0306HI2B |
3000 MHz - 6000 MHz RF/MICROWAVE I/Q DEMODULATOR, 9 dB CONVERSION LOSS-MAX 3000 MHz - 6000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
HA1-2541-2 HA2-2541-2 |
OP-AMP, 6000 uV OFFSET-MAX, 40 MHz BAND WIDTH, CDIP14 OP-AMP, 6000 uV OFFSET-MAX, 40 MHz BAND WIDTH, MBCY12
|
HARRIS SEMICONDUCTOR INTERSIL CORP
|
155MBIT/SSFFTRX |
Components and FTTx solutions - 1550 nm Tx / 1310 nm Rx, ext. Temp. Range; pigtail Components and FTTx solutions - 1550 nm Tx / 1310 nm Rx; pigtail
|
Infineon
|
ES5192810 |
6000 Counts Smart DMM
|
Cyrustek corporation
|
ES51928 |
6000 Counts Smart DMM
|
Cyrustek corporation
|
SM6000 |
6000 WATTS PROGRAMMABLE DC SUPPLY
|
Powerbox
|